Part Number Hot Search : 
280HZ GBJL1501 24N60M2 2222K TA7376P XM1316 BD2224G TDA5210
Product Description
Full Text Search
 

To Download MBRD10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBRD10100 10 amp schottky barrier rectifier 100 volts features ? pb-free package ? have over voltage protect loophigh reliability. ? extremely low forward drop . maximum ratings ? oper ating temperature:- 5 5 to +150 ? ? storage temperature: -55 to +150 typical thermal resistance (per leg): 3/w junction to case mcc part number device marking maximum recurrent peak reverse voltage maximu m rms voltage maximum dc blocking voltage electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10a t c =115c peak forward surge current i fsm 180a 8.3ms, half sine v f  
omponents 20736 marilla street chatsworth    !"# $
% !"# www. mccsemi .com revision: a 201 7 /0 6 /0 8 MBRD10100 MBRD10100 100v 70v 100v maximum instantaneous for ward voltage maximum dc reverse current at rated dc blocking voltage 15ma 1 of 3 0.73v epoxy meets ul 94 v-0 flammability rating moistu re sensitivity level 1 dimensions mm dim min max min max note a 0. 087 0.094 2.20 2.40 b 0.000 0.005 0.00 0.13 c 0.026 0.034 0.66 0.86 d 0.018 0.023 0.46 0.58 e 0.256 0.264 6.50 6.70 f 0.201 0.215 5.10 5.46 g 0.190 4.83 h 0.236 0.244 6.00 6.20 j 0.386 0.409 9.80 10.40 inches o 0.043 0.051 1.10 1.30 q a d b l g v k c i j h o m f 1 2 i 0.086 0.094 2.18 2.39 k 0.114 2.90 l 0.055 0.067 1.40 1.70 m 0.063 1.60 q 0.000 0.012 0.00 0.30 v 0.211 5.35 e 3 (to-252) dpak micro commercial components m c c r 0.63v t j = 125 0.66v(typ) t j = 125 50ua t j = 2 5 pin2 pin3 i f =10a; t j = 25 i f = 10a; t j = 25 i f =10a; i r
micro commercial components m c c r www. mccsemi .com revision: a 201 7 /0 6 /0 8 2 of 3 vf, instantaneous forward voltage (v) if, instantaneous forward current (a) figure 1: the forward voltage and forward current curve vr, reverse voltage (v) ir, reverse current (ua) figure 2: the reverse leak current and the reverse voltage (single-device) curve.
d evice packing part number-tp tape&reel: 2.5kpcs/reel ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. micro commercial components m c c r www. mccsemi .com revision: a 20 1 7 / 0 6 /0 8 3 of 3 note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of MBRD10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X